PART |
Description |
Maker |
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
AM29LV800DB-120SD AM29LV800DB-120ED AM29LV800DB-12 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:230V; Supply Voltage AC, Min:115V; Supply Voltage DC, Max:230V RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time Range:0.1 to 102.4s; Timing Function:Delay-On-Make; Supply Voltage Max:288V; Supply Voltage Min:100V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes Low Voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time Range:0.1 - 30; Timing Function:Delay-On-Make; Time Range Max:30s; Time Range Min:0.1s Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; Supply Voltage:115V RoHS Compliant: Yes Time-Delay Relay; Time Range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:288V; Supply Voltage AC, Min:19V; Supply Voltage DC, Max:288V RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; Supply Voltage Max:50V; Supply Voltage Min:18V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
BD5313G-2CTR BD5213G-2C BD5219G-2CTR BD5209G-2C BD |
Free Time Delay Setting CMOS Voltage Detector (Reset) IC
|
ROHM
|
BD5260 BD5324 BD5325 BD5326 BD5327 BD5250 BD5251 B |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Free Delay Time Setting CMOS Voltage Detector IC Series
|
Rohm
|
GLT625608 GLT625608-10FB GLT625608-70FB GLT625608- |
32K x 8 SLOW SPEED CMOS STATIC RAM 32K的8低速的CMOS静态RAM Time-Delay Relay; Contacts:SPST-NO; Time Range:1 sec. to 100 sec.; Timing Function:Delay-On-Release; Contact Carry Current:2A; Relay Terminals:Quick Connect; Supply Voltage:120VAC Time-Delay Relay; Contacts:SPST-NO; Time Range:1 to 100 min.; Timing Function:Delay-On-Make; Contact Carry Current:1A; Relay Terminals:Quick Connect; Supply Voltage:120VAC
|
Electronic Theatre Controls, Inc. ETC N.A. List of Unclassifed Manufacturers
|
1N751A-1 1N758C 1N758C-1 1N758CTR 1N758CTR-1 1N758 |
Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) SPI/MICROWIRE-Compatible UART in QSOP-16 00 mW齐纳二极 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers 00 mW齐纳二极 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-PDIP -40 to 85 Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-SOIC 0 to 70 Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-SOIC -40 to 85 Single SVS With Pgmmable UV Threshold & Reset Time Delay 8-PDIP 0 to 70 ±15kV ESD-Protected USB Transceivers Silicon 500 mW Zener Diodes Zener Voltage Regulator Diode Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.6 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.9 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 2.4 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH SILICON 400 mW ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BD45231G-TR BD45331G-TR BD45431G-TR BD45252G-TR BD |
Voltage Detector with Fixed Delay Time
|
ROHM
|
BD46E341G-MTR BD45E342G-M BD45E341G-MTR BD46E345G- |
Voltage Detector with Fixed Delay Time
|
ROHM
|
BD52E54G-MTR BD52E40G-M BD52E40G-MTR BD53E34G-MTR |
Voltage Detector with Adjustable Delay Time
|
ROHM
|
BD52E34G BD53E26G-TR BD53E25G-TR BD53E24G-TR BD53E |
Voltage Detector with Adjustable Delay Time
|
ROHM
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
|